Part Number Hot Search : 
S5L1462B JANTX1 DUT731K 86108A 1604654 CH040103 ADVANCE 49102SC
Product Description
Full Text Search
 

To Download CY7C057V-15AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 25/0251
CY7C056V CY7C057V
3.3V 16K/32K x 36 FLEx36TM Asynchronous Dual-Port Static RAM
Features
* True dual-ported memory cells which allow simultaneous access of the same memory location * 16K x 36 organization (CY7C056V) * 32K x 36 organization (CY7C057V) * 0.25-micron CMOS for optimum speed/power * High-speed access: 12/15/20 ns * Low operating power -- Active: ICC = 250 mA (typical) -- Standby: ISB3 = 10 A (typical) * Fully asynchronous operation * Automatic power-down * Expandable data bus to 72 bits or more using Master/Slave Chip Select when using more than one device * On-Chip arbitration logic * Semaphores included to permit software handshaking between ports * INT flag for port-to-port communication * Byte Select on Left Port * Bus Matching on Right Port * Depth Expansion via dual chip enables * Pin select for Master or Slave * Commercial and Industrial Temperature Ranges * Compact package -- 144-Pin TQFP (20 x 20 x 1.4 mm) -- 172-Ball BGA (1.0-mm pitch) (15 x 15 x.51 mm)
Logic Block Diagram
R/WL B0-B3 CE0L CE1L OEL
9
R/WR Left Port Control Logic Right Port Control Logic
9 9
CEL
CER
CE0R CE1R OER BA WA
I/O0L-I/O8L
9
I/O9L-I/O17L
9
I/O18L-I/O26L
9
I/O Control
I/O Control
9 9
Bus Match
9/18/36
I/OR
I/O27L-I/O35L
BM SIZE
A0L-A13/14L
[1]
14/15
Address Decode
14/15
True Dual-Ported RAM Array
Address Decode
14/15
14/15
A0R-A13/14R
[1]
Interrupt Semaphore Arbitration SEML BUSYL INTL
[2]
SEMR BUSYR INTR M/S
[2]
Notes: 1. A0-A13 for 16K; A0-A14 for 32K devices. 2. BUSY is an output in Master mode and an input in Slave mode.
For the most recent information, visit the Cypress web site at www.cypress.com Cypress Semiconductor Corporation * 3901 North First Street * San Jose * CA 95134 * 408-943-2600 Document #: 38-06055 Rev. ** Revised September 7, 2001
CY7C056V CY7C057V
Functional Description
The CY7C056V and CY7C057V are low-power CMOS 16K and 32K x 36 dual-port static RAMs. Various arbitration schemes are included on the devices to handle situations when multiple processors access the same piece of data. Two ports are provided, permitting independent, asynchronous access for reads and writes to any location in memory. The devices can be utilized as standalone 36-bit dual-port static RAMs or multiple devices can be combined in order to function as a 72-bit or wider master/slave dual-port static RAM. An M/S pin is provided for implementing 72-bit or wider memory applications without the need for separate master and slave devices or additional discrete logic. Application areas include interprocessor/multiprocessor designs, communications status buffering, and dual-port video/graphics memory. Each port has independent control pins: Chip Enable (CE)[3], Read or Write Enable (R/W), and Output Enable (OE). Two flags are provided on each port (BUSY and INT). BUSY signals that the port is trying to access the same location currently being accessed by the other port. The Interrupt Flag (INT) permits communication between ports or systems by means of a mail box. The semaphores are used to pass a flag, or token, from one port to the other to indicate that a shared resource is in use. The semaphore logic is comprised of eight shared latches. Only one side can control the latch (semaphore) at any time. Control of a semaphore indicates that a shared resource is in use. An automatic Power-Down feature is controlled independently on each port by Chip Select (CE0 and CE1) pins. The CY7C056V and CY7C057V are available in 144-Pin Thin Quad Plastic Flatpack (TQFP) and 172-Ball Ball Grid Array (BGA) packages.
Note: 3. CE is LOW when CE0 VIL and CE1 VIH.
Document #: 38-06055 Rev. **
Page 2 of 23
CY7C056V CY7C057V
Pin Configurations
144-Pin Thin Quad Flatpack (TQFP) Top View
I/O32L I/O31L VSS I/O30L I/O29L I/O28L I/O27L VDD I/O17L I/O16L I/O15L I/O14L VSS I/O13L I/O12L I/O11L I/O10L I/O9L I/O9R I/O10R I/O11R I/O12R I/O13R VSS I/O14R I/O15R I/O16R I/O17R VDD I/O27R I/O28R I/O29R I/O30R VSS I/O31R I/O32R I/O33L I/O34L I/O35L A0L A1L A2L A3L A4L A5L A6L A7L B0 B1 B2 B3 OEL R/WL VDD VSS VSS CE0L CE1L M/S SEML INTL BUSYL A8L A9L A10L A11L A12L A13L [4] NC I/O26L I/O25L I/O24L 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 144 143 142 141 140 139 138 137 136 135 134 133 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73
CY7C056V (16K x 36) CY7C057V (32K x 36)
I/O33R I/O34R I/O35R A0R A1R A2R A3R A4R A5R A6R A7R BM SIZE WA BA OER R/WR VDD VSS VDD CE0R CE1R VDD SEMR INTR BUSYR A8R A9R A10R A11R A12R A13R [5] NC I/O26R I/O25R I/O24R
I/O21L I/O20L I/O19L I/O18L VDD I/O8L I/O7L I/O6L
I/O5R I/O6R I/O7R
Notes: 4. This pin is A14L for CY7C057V. 5. This pin is A14R for CY7C057V.
Document #: 38-06055 Rev. **
I/O23L I/O22L VSS
I/O8R VDD I/O18R I/O19R I/O20R I/O21R VSS I/O22R I/O23R
I/O5L VSS I/O4L I/O3L I/O2L I/O1L I/O0L I/O0R I/O1R I/O2R I/O3R I/O4R VSS
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72
Page 3 of 23
CY7C056V CY7C057V
Pin Configurations (continued)
172-Ball Ball Grid Array (BGA) Top View 1 A B C D E F G H J K L M N P
I/O32L
2
I/O30L
3
NC
4
VSS
5
I/O13L
6
VDD
7
I/O11L
8
I/O11R
9
VDD
10
I/O13R
11
VSS
12
NC
13
I/O30R
14
I/O32R
A0L
I/O33L
I/O29
I/O17L
I/O14L
I/O12L
I/O9L
I/O9R
I/O12R I/O14R
I/O17R
I/O29R I/O33R
A0R
NC
A1L
I/O31L
I/O27L
NC
I/O15L
I/O10L I/O10R I/O15R
NC
I/O27R
I/O31R
A1R
NC
A2L
A3L
I/O35L
I/O34L
I/O28L
I/O16L
VSS
VSS
I/O16R I/O28R
I/O34R
I/O35R
A3R
A2R
A4L
A5L
NC
B0L
NC
NC
NC
NC
BM
NC
A5R
A4R
VDD
A6L
A7L
B1L
NC
NC
SIZE
A7R
A6R
VDD
OEL
B2L
B3L
CE0L
CE0R
BA
WA
OER
VSS
R/WL
A8L
CE1L
CE1R
A8R
R/WR
VSS
A9L
A10L
VSS
M/S
NC
NC
VDD
VDD
A10R
A9R
A11L
A12L
NC
SEML
NC
NC
NC
NC
SEMR
NC
A12R
A11R
BUSYL
A13L
INTL
I/O26L
I/O25L
I/O19L
VSS
VSS
I/O19R I/O25R
I/O26R
INTR
A13R
BUSYR
NC
NC[4]
I/O22L
I/O18L
NC
I/O7L
I/O2L
I/O2R
I/O7R
NC
I/O18R
I/O22R
NC[5]
NC
I/O24L
I/O20L
I/O8L
I/O6L
I/O5L
I/O3L
I/O0L
I/O0R
I/O3R
I/O5R
I/O6R
I/O8R
I/O20R
I/O24R
I/O23L
I/O21L
NC
VSS
I/O4L
VDD
I/O1L
I/O1R
VDD
I/O4R
VSS
NC
I/O21R
I/O23R
Document #: 38-06055 Rev. **
Page 4 of 23
CY7C056V CY7C057V
Selection Guide
CY7C056V CY7C057V -12 Maximum Access Time (ns) Typical Operating Current (mA) Typical Standby Current for ISB1 (mA) (Both Ports TTL Level) Typical Standby Current for ISB3 (A) (Both Ports CMOS Level) 12 250 55 10 A CY7C056V CY7C057V -15 15 240 50 10 A CY7C056V CY7C057V -20 20 230 45 10 A
Pin Definitions
Left Port A0L-A13/14L SEML CE0L, CE1L INTL BUSYL I/O0L-I/O35L OEL R/WL B0-B3 BM, SIZE WA, BA M/S VSS VDD SEMR CE0R, CE1R INTR BUSYR I/O0R-I/O35R OER R/WR Right Port A0R-A13/14R Semaphore Enable Chip Enable (CE is LOW when CE0 VIL and CE1 VIH) Interrupt Flag Busy Flag Data Bus Input/Output Output Enable Read/Write Enable Byte Select Inputs. Asserting these signals enables read and write operations to the corresponding bytes of the memory array. See Bus Matching for details. See Bus Matching for details. Master or Slave Select Ground Power Output Current into Outputs (LOW)............................. 20 mA Static Discharge Voltage .......................................... >2001V Latch-Up Current.................................................... >200 mA Description Address (A0-A13 for 16K; A0-A14 for 32K devices)
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature .................................-65C to +150C Ambient Temperature with Power Applied.............................................-55C to +125C Supply Voltage to Ground Potential ............... -0.5V to +4.6V DC Voltage Applied to Outputs in High Z State ...........................-0.5V to VDD+0.5V DC Input Voltage...................................-0.5V to VDD+0.5V
Note: 6. Pulse width < 20 ns.
Operating Range
Range Commercial Industrial Ambient Temperature 0C to +70C -40C to +85C VDD 3.3V 165 mV 3.3V 165 mV
[6]
Shaded areas contain advance information.
Document #: 38-06055 Rev. **
Page 5 of 23
CY7C056V CY7C057V
Electrical Characteristics Over the Operating Range [7, 8]
CY7C056V CY7C057V -12 Max. Min. Min. Typ. Parameter VOH VOL VIH VIL IOZ ICC ISB1 Description Output HIGH Voltage (VDD = Min., IOH = -4.0 mA) Output LOW Voltage (VDD = Min., IOL = +4.0 mA) Input HIGH Voltage Input LOW Voltage Output Leakage Current Operating Current (VDD = Max., IOUT = 0 mA) Outputs Disabled Standby Current (Both Ports TTL Level and Deselected) f = fMAX Standby Current (One Port TTL Level and Deselected) f = fMAX Standby Current (Both Ports CMOS Level and Deselected) f =0 Standby Current (One Port CMOS Level and Deselected) f = fMAX[9] Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial 160 210 0.01 1 180 240 55 75 -10 2.0 0.8 10 250 385 -10 240 265 50 65 175 190 0.01 0.01 155 170 -15 Max. Min. Typ. -20 Max. 0.4 2.0 0.8 10 360 385 70 95 230 255 1 1 200 215 0.01 1 45 65 -10 0.8 10 Unit pF pF Typ. Unit V V V V A mA mA mA 165 210 mA mA mA mA 145 180 mA mA
2.4 0.4
2.4 0.4 2.0
2.4
230 340 mA
ISB2
ISB3 ISB4
Capacitance[10]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VDD = 3.3V Max. 10 10
Notes: 7. Cross Levels are VDD - 0.2V< VZ<0.2V. 8. Deselection for a port occurs if CE0 is HIGH or if CE1 is LOW. 9. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except Output Enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level standby ISB3. 10. Tested initially and after any design or process changes that may affect these parameters.
Document #: 38-06055 Rev. **
Page 6 of 23
CY7C056V CY7C057V
AC Test Load and Waveforms
3.3V OUTPUT Z0 = 50 C
[11]
R = 50 R1 = 590 OUTPUT VTH = 1.5V C = 5 pF R2 = 435
(a) Normal Load (Load 1)
(b) Three-State Delay (Load 2)
3.0V
ALL INPUT PULSES
VSS
10%
90%
90% 10%
3 ns
3 ns
7 for access time (ns) 6 5 4 3 2 1 20[12] 30
60
80 100
200
Capacitance (pF) (b) Load Derating Curve
Notes: 11. External AC Test Load Capacitance = 10 pF. 12. (Internal I/O pad Capacitance = 10 pF) + AC Test Load.
Document #: 38-06055 Rev. **
Page 7 of 23
CY7C056V CY7C057V
Switching Characteristics Over the Operating Range[13]
CY7C056V CY7C057V -12 Parameter Read Cycle tRC tAA tOHA tACE[3, 14] tDOE tLZOE[3, 15, 16, 17] tHZOE[3, 15, 16, 17] tLZCE[3, 13, 16, 17] tHZCE[3, 15, 16, 17] tLZBE tHZBE tPU[3, 17] tPD[3, 17] tABE[14] Write Cycle tWC tSCE[3, 14] tAW tHA tSA[14] tPWE tSD tHD tHZWE[16, 17] tLZWE[16, 17] tWDD[18] tDDD[18] Write Cycle Time CE LOW to Write End Address Valid to Write End Address Hold From Write End Address Set-Up to Write Start Write Pulse Width Data Set-Up to Write End Data Hold From Write End R/W LOW to High Z R/W HIGH to Low Z Write Pulse to Data Delay Write Data Valid to Read Data Valid 3 25 20 12 10 10 0 0 10 10 0 10 3 30 25 15 12 12 0 0 12 10 0 10 3 45 30 20 15 15 0 0 15 15 0 12 ns ns ns ns ns ns ns ns ns ns ns ns Read Cycle Time Address to Data Valid Output Hold From Address Change CE LOW to Data Valid OE LOW to Data Valid OE Low to Low Z OE HIGH to High Z CE LOW to Low Z CE HIGH to High Z Byte Enable to Low Z Byte Enable to High Z CE LOW to Power-Up CE HIGH to Power-Down Byte Enable Access Time 0 12 12 3 10 0 15 15 3 10 3 10 0 20 20 0 10 3 10 3 12 3 12 8 0 10 3 12 12 12 3 15 10 0 12 15 15 3 20 12 20 20 ns ns ns ns ns ns ns ns ns ns ns ns ns ns Description Min. Max. Min. -15 Max. Min. -20 Max. Unit
Notes: 13. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified IOI/IOH and 10-pF load capacitance. 14. To access RAM, CE = L and SEM = H. To access semaphore, CE = H and SEM = L. Either condition must be valid for the entire tSCE time. 15. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE. 16. Test conditions used are Load 2. 17. This parameter is guaranteed by design, but it is not production tested. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with Busy waveform. 18. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with Busy waveform.
Document #: 38-06055 Rev. **
Page 8 of 23
CY7C056V CY7C057V
Switching Characteristics Over the Operating Range[13] (continued)
CY7C056V CY7C057V -12 Parameter Busy Timing tBLA tBHA tBLC
[19]
-15 Max. Min. Max. Min.
-20 Max. Unit
Description
Min.
BUSY LOW from Address Match BUSY HIGH from Address Mismatch BUSY LOW from CE LOW
12 12 12
15 15 15
20 20 20
ns ns ns
Note: 19. Test conditions used are Load 1.
Document #: 38-06055 Rev. **
Page 9 of 23
CY7C056V CY7C057V
Switching Characteristics Over the Operating Range[13] (continued)
CY7C056V CY7C057V -12 Parameter Busy Timing tBHC tPS tWB tWH tBDD[20] tINS tINR tSOP tSWRD tSPS tSAA
[19]
-15 Max. Min. Max. Min.
-20 Max. Unit
Description
Min.
BUSY HIGH from CE HIGH Port Set-Up for Priority R/W LOW after BUSY (Slave) R/W HIGH after BUSY HIGH (Slave) BUSY HIGH to Data Valid
[19]
12 5 0 11 12 5 0 13
15 5 0 15 15
20
ns ns ns ns
20
ns
Interrupt Timing
INT Set Time INT Reset Time
12 12
15 15
20 20
ns ns
Semaphore Timing SEM Flag Update Pulse (OE or SEM) SEM Flag Write to Read Time SEM Flag Contention Window SEM Address Access Time 10 5 5 12 10 5 5 15 10 5 5 20 ns ns ns ns
Data Retention Mode
The CY7C056V and CY7C057V are designed with battery backup in mind. Data retention voltage and supply current are guaranteed over temperature. The following rules ensure data retention: 1. Chip Enable (CE)[3] must be held HIGH during data retention, within VDD to VDD - 0.2V. 2. CE must be kept between VDD - 0.2V and 70% of VDD during the power-up and power-down transitions. 3. The RAM can begin operation >tRC after VDD reaches the minimum operating voltage (3.15 volts).
Timing
Data Retention Mode VCC 3.15V VCC > 2.0V 3.15V tRC
V IH
CE
VCC to VCC - 0.2V
Parameter ICCDR1
Test Conditions[21] @ VDDDR = 2V
Max. 50
Unit A
Notes: 20. tBDD is a calculated parameter and is the greater of tWDD-tPWE (actual) or tDDD-tSD (actual). 21. CE = VDD, Vin = VSS to VDD, TA = 25C. This parameter is guaranteed but not tested.
Document #: 38-06055 Rev. **
Page 10 of 23
CY7C056V CY7C057V
Switching Waveforms
Read Cycle No. 1 (Either Port Address Access)[22, 23, 24]
tRC ADDRESS tOHA DATA OUT tAA DATA VALID tOHA
PREVIOUS DATA VALID
Read Cycle No. 2 (Either Port CE/OE Access)[22, 25, 26]
tACE CE0, CE1, B0, B1, B2, B3, WA, BA OE tLZOE DATA OUT tLZCE tPU CURRENT ICC ISB tPD DATA VALID SELECT VALID tDOE tHZCE tHZOE
Read Cycle No. 3 (Either Port)[22, 24, 25, 26]
tRC ADDRESS tAA B0, B1, B2, B3, WA, BA tLZCE tABE CE0, CE1 tACE tLZCE DATA OUT CHIP SELECT VALID tHZCE BYTE SELECT VALID tHZCE tOHA
Notes: 22. R/W is HIGH for read cycles. 23. Device is continuously selected. CE0 = VIL, CE1=VIH, and B0, B1, B2, B3, WA, BA are valid. This waveform cannot be used for semaphore reads. 24. OE = VIL. 25. Address valid prior to or coinciding with CE0 transition LOW and CE1 transition HIGH. 26. To access RAM, CE0 = VIL, CE1=VIH, B0, B1, B2, B3, WA, BA are valid, and SEM = VIH. To access semaphore, CE0 = VIH, CE1=VIL and SEM = VIL or CE0 and SEM=VIL, and CE1= B0 = B1 = B2 = B3, =VIH.
Document #: 38-06055 Rev. **
Page 11 of 23
CY7C056V CY7C057V
Switching Waveforms (continued)
Write Cycle No. 1: R/W Controlled Timing[27, 28, 29, 30]
tWC ADDRESS tHZOE [33] OE tAW CE0, CE1
[31, 32]
CHIP SELECT VALID tSA tPWE[30] tHA
R/W tHZWE[33] DATA OUT NOTE 34 tLZWE NOTE 34
tSD DATA IN
tHD
Write Cycle No. 2: CE Controlled Timing[27, 28, 29, 35]
tWC ADDRESS tAW CE0, CE1
[31, 32]
CHIP SELECT VALID tSA tSCE tHA
R/W
tSD DATA IN
tHD
Notes: 27. R/W must be HIGH during all address transitions. 28. A write occurs during the overlap (tSCE or tPWE) of CE0=VIL and CE1=VIH or SEM=VIL and B0-3 LOW. 29. tHA is measured from the earlier of CE0/CE1 or R/W or (SEM or R/W) going HIGH at the end of Write Cycle. 30. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tPWE or (tHZWE + tSD) to allow the I/O drivers to turn off and data to be placed on the bus for the required tSD. If OE is HIGH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified tPWE. 31. To access RAM, CE0 = VIL, CE1=SEM = VIH. 32. To access byte B0, CE0 = VIL, B0 = VIL, CE1=SEM = VIH. To access byte B1, CE0 = VIL, B1 = VIL, CE1=SEM = VIH. To access byte B2, CE0 = VIL, B2 = VIL, CE1=SEM = VIH. To access byte B3, CE0 = VIL, B3 = VIL, CE1=SEM = VIH. 33. Transition is measured 150 mV from steady state with a 5-pF load (including scope and jig). This parameter is sampled and not 100% tested. 34. During this period, the I/O pins are in the output state, and input signals must not be applied. 35. If the CE0 LOW and CE1 HIGH or SEM LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the high-impedance state.
Document #: 38-06055 Rev. **
Page 12 of 23
CY7C056V CY7C057V
Switching Waveforms (continued)
Semaphore Read After Write Timing, Either Side[36]
tSAA A 0-A 2 VALID ADRESS tAW SEM tSCE tSD I/O 0 tSA R/W tSWRD OE WRITE CYCLE tSOP READ CYCLE tDOE DATAIN VALID tPWE tHD DATAOUT VALID tHA tSOP VALID ADRESS tACE tOHA
Timing Diagram of Semaphore Contention[37, 38, 39]
A0L -A 2L
MATCH
R/WL SEM L tSPS A 0R -A 2R MATCH
R/WR SEMR
Notes: 36. CE0 = HIGH and CE1 = LOW for the duration of the above timing (both write and read cycle). 37. I/O0R = I/O0L = LOW (request semaphore); CE0R = CE0L = HIGH and CE1R = CE1L=LOW. 38. Semaphores are reset (available to both ports) at cycle start. 39. If tSPS is violated, the semaphore will definitely be obtained by one side or the other, but which side will get the semaphore is unpredictable.
Document #: 38-06055 Rev. **
Page 13 of 23
CY7C056V CY7C057V
Switching Waveforms (continued)
Timing Diagram of Write with BUSY (M/S=HIGH)[40]
tWC ADDRESS R R/WR MATCH tPWE
tSD DATA INR tPS ADDRESS L MATCH tBLA BUSY L tDDD DATA OUTL tWDD VALID
tHD
tBHA tBDD
VALID
Write Timing with Busy Input (M/S=LOW)
R/W tWB tPWE
BUSY
tWH
Note: 40. CE0L = CE0R = LOW; CE1L = CE1R = HIGH.
Document #: 38-06055 Rev. **
Page 14 of 23
CY7C056V CY7C057V
Switching Waveforms (continued)
Busy Timing Diagram No. 1 (CE Arbitration)[41] CELValid First:
ADDRESS L, R ADDRESS MATCH
CE0L, CE1L tPS CE0R, CE1R
CHIP SELECT VALID
CHIP SELECT VALID tBLC tBHC
BUSY R
CER ValidFirst:
ADDRESS L, R ADDRESS MATCH
CE0L, CE1L tPS CE0R, CE1R
CHIP SELECT VALID
CHIP SELECT VALID tBLC tBHC
BUSY L
Busy Timing Diagram No. 2 (Address Arbitration)[41] Left Address Valid First:
tRC or tWC ADDRESS L ADDRESS MATCH tPS ADDRESS R tBLA BUSY R tBHA ADDRESS MISMATCH
Right Address Valid First:
tRC or tWC ADDRESS R ADDRESS MATCH tPS ADDRESS L tBLA BUSY L tBHA ADDRESS MISMATCH
Note: 41. If tPS is violated, the busy signal will be asserted on one side or the other, but there is no guarantee to which side BUSY will be asserted.
Document #: 38-06055 Rev. **
Page 15 of 23
CY7C056V CY7C057V
Switching Waveforms (continued)
Interrupt Timing Diagrams Left Side Sets INTR :
ADDRESS L CE0L, CE1L R/W L INT R tINS [43]
tWC WRITE 3FFF (7FFF for CY7C057V) tHA[42] CHIP SELECT VALID
Right Side Clears INT R :
ADDRESSR CE0R, CE1R tINR [43] R/WR OE R INT R CHIP SELECT VALID
tRC READ 3FFF (7FFF for CY7C057V)
Right Side Sets INT L:
tWC ADDRESSR CE0R, CE1R R/W R INT L tINS
[43]
WRITE 3FFE (7FFE for CY7C057V) tHA[42] CHIP SELECT VALID
Left Side Clears INT L:
ADDRESS L CE0L,CE1L CHIP SELECT VALID tINR[43] R/W L OE L INT L
Notes: 42. tHA depends on which enable pin (CE0L/CE1L or R/WL) is deasserted first. 43. tINS or tINR depends on which enable pin (CE0L/CE1L or R/WL) is asserted last.
tRC READ 3FFE (7FFF for CY7C057V)
Document #: 38-06055 Rev. **
Page 16 of 23
CY7C056V CY7C057V
Architecture
The CY7C056V and CY7C057V consist of an array of 16K and 32K words of 36 bits each of dual-port RAM cells, I/O and address lines, and control signals (CE0/CE1, OE, R/W). These control pins permit independent access for reads or writes to any location in memory. To handle simultaneous writes/reads to the same location, a BUSY pin is provided on each port. Two Interrupt (INT) pins can be utilized for port-to-port communication. Two Semaphore (SEM) control pins are used for allocating shared resources. With the M/S pin, the devices can function as a master (BUSY pins are outputs) or as a slave (BUSY pins are inputs). The devices also have an automatic power-down feature controlled by CE0/CE1. Each port is provided with its own Output Enable control (OE), which allows data to be read from the device. Busy The CY7C056V and CY7C057V provide on-chip arbitration to resolve simultaneous memory location access (contention). If both ports' Chip Enables[3] are asserted and an address match occurs within tPS of each other, the busy logic will determine which port has access. If tPS is violated, one port will definitely gain permission to the location, but it is not predictable which port will get that permission. BUSY will be asserted tBLA after an address match or tBLC after CE is taken LOW. Master/Slave A M/S pin is provided in order to expand the word width by configuring the device as either a master or a slave. The BUSY output of the master is connected to the BUSY input of the slave. This will allow the device to interface to a master device with no external components. Writing to slave devices must be delayed until after the BUSY input has settled (tBLC or tBLA), otherwise, the slave chip may begin a write cycle during a contention situation. When tied HIGH, the M/S pin allows the device to be used as a master and, therefore, the BUSY line is an output. BUSY can then be used to send the arbitration outcome to a slave. Semaphore Operation The CY7C056V and CY7C057V provide eight semaphore latches, which are separate from the dual-port memory locations. Semaphores are used to reserve resources that are shared between the two ports. The state of the semaphore indicates that a resource is in use. For example, if the left port wants to request a given resource, it sets a latch by writing a zero to a semaphore location. The left port then verifies its success in setting the latch by reading it. After writing to the semaphore, SEM or OE must be deasserted for tSOP before attempting to read the semaphore. The semaphore value will be available tSWRD + tDOE after the rising edge of the semaphore write. If the left port was successful (reads a 0), it assumes control of the shared resource, otherwise (reads a 1) it assumes the right port has control and continues to poll the semaphore. When the right side has relinquished control of the semaphore (by writing a 1), the left side will succeed in gaining control of the semaphore. If the left side no longer requires the semaphore, a one is written to cancel its request. Semaphores are accessed by asserting SEM LOW. The SEM pin functions as a chip select for the semaphore latches. For normal semaphore access, CE[3] must remain HIGH during SEM LOW. A CE active semaphore access is also available. The semaphore may be accessed through the right port with CE0R/CE1R active by asserting the Bus Match Select (BM) pin LOW and asserting the Bus Size Select (SIZE) pin HIGH. The semaphore may be accessed through the left port with CE0L/CE1L active by asserting all B0-3 Byte Select pins HIGH. A0-2 represents the semaphore address. OE and R/W are used in the same manner as a normal memory access. When writing or reading a semaphore, the other address pins have no effect. When writing to the semaphore, only I/O0 is used. If a zero is written to the left port of an available semaphore, a 1 will appear at the same semaphore address on the right port. That semaphore can now only be modified by the port showing 0 (the left port in this case). If the left port now relinquishes control by writing a 1 to the semaphore, the semaphore will be set to 1 for both ports. However, if the right port had requested the semaphore (written a 0) while the left port had control, the right port would immediately own the semaphore as soon as the left port released it. Table 3 shows sample semaphore operations.
Functional Description
Write Operation Data must be set up for a duration of tSD before the rising edge of R/W in order to guarantee a valid write. A write operation is controlled by either the R/W pin (see Write Cycle No. 1 waveform) or the CE0 and CE1 pins (see Write Cycle No. 2 waveform). Required inputs for non-contention operations are summarized in Table 1. If a location is being written to by one port and the opposite port attempts to read that location, a port-to-port flowthrough delay must occur before the data is read on the output; otherwise the data read is not deterministic. Data will be valid on the port tDDD after the data is presented on the other port. Read Operation When reading the device, the user must assert both the OE and CE[3] pins. Data will be available tACE after CE or tDOE after OE is asserted. If the user wishes to access a semaphore flag, then the SEM pin must be asserted instead of the CE[3] pin, and OE must also be asserted. Interrupts The upper two memory locations may be used for message passing. The highest memory location (3FFF for the CY7C056V, 7FFF for the CY7C057V) is the mailbox for the right port and the second-highest memory location (3FFE for the CY7C056V, 7FFE for the CY7C057V) is the mailbox for the left port. When one port writes to the other port's mailbox, an interrupt is generated to the owner. The interrupt is reset when the owner reads the contents of the mailbox. The message is user defined. Each port can read the other port's mailbox without resetting the interrupt. The active state of the busy signal (to a port) prevents the port from setting the interrupt to the winning port. Also, an active busy to a port prevents that port from reading its own mailbox and, thus, resetting the interrupt to it. If an application does not require message passing, do not connect the interrupt pin to the processor's interrupt request input pin. The operation of the interrupts and their interaction with Busy are summarized in Table 2.
Document #: 38-06055 Rev. **
Page 17 of 23
CY7C056V CY7C057V
Table 1. Non-Contending Read/Write[3] Inputs CE H X L L L L X H X H X L X R/W X X L L H H X H H OE X X X X L L H L L X X X B0, B1, B2, B3 X All H H/L All L H/L All L X X All H X All H Any L SEM H H H H H H X L L L L L Outputs I/O0-I/O35 High Z High Z Data In and High Z Data In Data Out and High Z Data Out High Z Data Out Data Out Data In Data In Operation Deselected: Power-Down Deselected: Power-Down Write to Selected Bytes Only Write to All Bytes Read Selected Bytes Only Read All Bytes Outputs Disabled Read Data in Semaphore Flag Read Data in Semaphore Flag Write DIN0 into Semaphore Flag Write DIN0 into Semaphore Flag Not Allowed
Table 2. Interrupt Operation Example (assumes BUSYL = BUSYR = HIGH)[3, 44] Left Port Function Set Right INTR Flag Reset Right INTR Flag Set Left INTL Flag Reset Left INTL Flag R/WL L X X X CEL L X X L OEL X X X L A0L-13L 3FFF X X 3FFE INTL X X L[45] H
[46]
Right Port R/WR X X L X CER X L L X OER X L X X A0R-13R X 3FFF 3FFE X INTR L[46] H[45] X X
Table 3. Semaphore Operation Example Function No Action Left Port Writes 0 to Semaphore Right Port Writes 0 to Semaphore Left Port Writes 1 to Semaphore Left Port Writes 0 to Semaphore Right Port Writes 1 to Semaphore Left Port Writes 1 to Semaphore Right Port Writes 0 to Semaphore Right Port Writes 1 to Semaphore Left Port Writes 0 to Semaphore Left Port Writes 1 to Semaphore I/O0-I/O8 Left 1 0 0 1 1 0 1 1 1 0 1 I/O0-I/O8 Right 1 1 1 0 0 1 1 0 1 1 1 Semaphore Free Left Port Has Semaphore Token No Change. Right Side Has No Write Access to Semaphore Right Port Obtains Semaphore Token No Change. Left Port Has No Write Access to Semaphore Left Port Obtains Semaphore Token Semaphore Free Right Port Has Semaphore Token Semaphore Free Left Port Has Semaphore Token Semaphore Free Status
Notes: 44. A0L-14L and A0R-14R, 7FFF/7FFE for the CY7C057V. 45. If BUSYR=L, then no change. 46. If BUSYL=L, then no change.
Document #: 38-06055 Rev. **
Page 18 of 23
CY7C056V CY7C057V
Right Port Configuration [47, 48, 49]
BM 0 0 1 1 SIZE 0 1 0 1 Configuration x36 (Standard) x36 (CE Active SEM Mode) x18 x9 I/O Pins Used I/O0-35 I/O0-35 I/O0-17 I/O0-8
Right Port Operation
Configuration x36 x18 x18 x9 x9 x9 x9 WA X 0 1 0 0 1 1 BA X X X 0 1 0 1 Data Accessed[50] DQ0-35 DQ0-17 DQ18-35 DQ0-8 DQ9-17 DQ18-26 DQ27-35 I/O Pins Used I/O0-35 I/O0-17 I/O0-17 I/O0-8 I/O0-8 I/O0-8 I/O0-8
Left Port Operation
Control Pin B0 B1 B2 B3
Notes: 47. BM and SIZE must be configured one clock cycle before operation is guaranteed. 48. In x36 mode WA and BA pins are "Don't Care." 49. In x18 mode BA pin is a "Don't Care." 50. DQ represents data output of the chip.
Effect I/O0-8 Byte Control I/O9-17 Byte Control I/O18-26 Byte Control I/O27-35 Byte Control
When reading a semaphore, data lines 0 through 8 output the semaphore value. The read value is latched in an output register to prevent the semaphore from changing state during a write from the other port. If both ports attempt to access the semaphore within tSPS of each other, the semaphore will definitely be obtained by one side or the other, but there is no guarantee which side will control the semaphore. When reading a semaphore, data lines 0 through 8 output the semaphore value. The read value is latched in an output register to prevent the semaphore from changing state during a write from the other port. If both ports attempt to access the
semaphore within tSPS of each other, the semaphore will definitely be obtained by one side or the other, but there is no guarantee which side will control the semaphore. When reading a semaphore, data lines 0 through 8 output the semaphore value. The read value is latched in an output register to prevent the semaphore from changing state during a write from the other port. If both ports attempt to access the semaphore within tSPS of each other, the semaphore will definitely be obtained by one side or the other, but there is no guarantee which side will control the semaphore.
Document #: 38-06055 Rev. **
Page 19 of 23
CY7C056V CY7C057V
Bus Match Operation
The right port of the CY7C057V 32Kx36 dual-port SRAM can be configured in a 36-bit long-word, 18-bit word, or 9-bit byte format for data I/O. The data lines are divided into four lanes, each consisting of 9 bits (byte-size data lines).
BA WA
Long-Word (36-bit) Operation Bus Match Select (BM) and Bus Size Select (SIZE) set to a logic "0" will enable standard cycle long-word (36-bit) operation. In this mode, the right port's I/O operates essentially in an identical fashion as does the left port of the dual-port SRAM. However no Byte Select control is available. All 36 bits of the long-word are shifted into and out of the right port's I/O buffer stages. All read and write timing parameters may be identical with respect to the two data ports. When the right port is configured for a long-word size, Word Address (WA), and Byte Address (BA) pins have no application and their inputs are "Don't Care"[51] for the external user. Word (18-bit) Operation Word (18-bit) bus sizing operation is enabled when Bus Match Select (BM) is set to a logic "1" and the Bus SIze Select (SIZE) pin is set to a logic "0." In this mode, 18 bits of data are ported through I/O0R-17R. The level applied to the Word Address (WA) pin during word bus size operation determines whether the most-significant or least-significant data bits are ported through the I/O0R-17R pins in an Upper Word/Lower Word select fashion (note that when the right port is configured for word size operation, the Byte Address pin has no application and its input is "Don't Care"[51]). Device operation is accomplished by treating the WA pin as an additional address input and using standard cycle address and data setup/hold times. When transferring data in word (18-bit) bus match format, the unused I/O18R-35R pins are three-stated. Byte (9-bit) Operation Byte (9-bit) bus sizing operation is enabled when Bus Match Select (BM) is set to a logic "1" and the Bus Size Select (SIZE) pin is set to a logic "1." In this mode, data is ported through I/O0R-8R in four groups of 9-bit bytes. A particular 9-bit byte group is selected according to the levels applied to the Word Address (WA) and Byte Address (BA) input pins. I/Os I/O27R-35R I/O18R-26R I/O9R-17R I/O0R-8R Rank Upper-MSB Lower-MSB Upper-MSB Lower-MSB WA 1 1 0 0 BA 1 0 1 0
x36 /
US MODE
CY7C056V CY7C057V 16K/32Kx36 Dual Port
9 / 9 / 9 / 9 /
x9, x18, x36 /
BM SIZE
The Bus Match Select (BM) pin works with Bus Size Select (SIZE) to select bus width (long-word, word, or byte) for the right port of the dual-port device. The data sequencing arrangement is selected using the Word Address (WA) and Byte Address (BA) input pins. A logic "0" applied to both the Bus Match Select (BM) pin and to the Bus Size Select (SIZE) pin will select long-word (36-bit) operation. A logic "1" level applied to the Bus Match Select (BM) pin will enable either byte or word bus width operation on the right port I/Os depending on the logic level applied to the SIZE pin. The level of Bus Match Select (BM) must be static throughout device operation. Normally, the Bus Size Select (SIZE) pin would have no standard-cycle application when BM = LOW and the device is in long-word (36-bit) operation. A "special" mode has been added however to disable ALL right port I/Os while the chip is active. This I/O disable mode is implemented when SIZE is forced to a logic "1" while BM is at a logic "0". It allows the busmatched port to support a chip enable "Don't Care" semaphore read/write access similar to that provided on the left port of the device when all Byte Select (B0-3) control inputs are deselected. The Bus Size Select (SIZE) pin selects either a byte or word data arrangement on the right port when the Bus Match Select (BM) pin is HIGH. A logic "1" on the SIZE pin when the BM pin is HIGH selects a byte bus (9-bit) data arrangement). A logic "0" on the SIZE pin when the BM pin is HIGH selects a word bus (18-bit) data arrangement. The level of the Bus Size Select (SIZE) must also be static throughout normal device operation.
Device operation is accomplished by treating the Word Address (WA) pin and the Byte Address (BA) pins as additional address inputs having standard cycle address and data setup/hold times. When transferring data in byte (9-bit) bus match format, the unused I/O9R-35R pins are three-stated.
Note: 51. Even though a logic level applied to a "Don't Care" input will not change the logical operation of the dual-port, inputs that are temporarily a "Don't Care" (along with unused inputs) must not be allowed to float. They must be forced either HIGH or LOW.
Document #: 38-06055 Rev. **
Page 20 of 23
CY7C056V CY7C057V
Ordering Information
Speed (ns) 12 15 20 Ordering Code CY7C056V-12AC CY7C056V-12BBC CY7C056V-15AC CY7C056V-15BBC CY7C056V-20AC CY7C056V-20BBC Package Name A144 BB172 A144 BB172 A144 BB172 Package Type 144-Pin Thin Quad Flat Pack 172-Ball Ball Grid Array (BGA) 144-Pin Thin Quad Flat Pack 172-Ball Ball Grid Array (BGA) 144-Pin Thin Quad Flat Pack 172-Ball Ball Grid Array (BGA) Operating Range Commercial Commercial Commercial Commercial Commercial Commercial
Speed (ns) 12 15
Ordering Code CY7C057V-12AC CY7C057V-12BBC CY7C057V-15AC CY7C057V-15AI CY7C057V-15BBC CY7C057V-15BBI
Package Name A144 BB172 A144 A144 BB172 BB172 A144 BB172
Package Type 144-Pin Thin Quad Flat Pack 172-Ball Ball Grid Array (BGA) 144-Pin Thin Quad Flat Pack 144-Pin Thin Quad Flat Pack 172-Ball Ball Grid Array (BGA) 172-Ball Ball Grid Array (BGA) 144-Pin Thin Quad Flat Pack 172-Ball Ball Grid Array (BGA)
Operating Range Commercial Commercial Commercial Industrial Commercial Industrial Commercial Commercial
20
CY7C057V-20AC CY7C057V-20BBC
Package Diagrams
144-Pin Plastic Thin Quad Flat Pack (TQFP) A144
51-85047-A
Document #: 38-06055 Rev. **
Page 21 of 23
CY7C056V CY7C057V
Package Diagrams (continued)
172-Ball BGA BB172
Document #: 38-06055 Rev. **
Page 22 of 23
(c) Cypress Semiconductor Corporation, 2001. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
CY7C056V CY7C057V
Document Title: CY7C056V/CY7C057V 3.3V 16K/32K x 36 FLEx36TM Asynchronous Dual-Port Static RAM Document Number: 38-06055 REV. ** ECN NO. 110214 Issue Date 12/16/01 Orig. of Change SZV Description of Change Change from Spec number: 38-00742 to 38-06055
Document #: 38-06055 Rev. **
Page 23 of 23


▲Up To Search▲   

 
Price & Availability of CY7C057V-15AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X